Part Number Hot Search : 
NSHU590B BCM56 SD850 P421W OPM2007 1N6263 00390 F2812
Product Description
Full Text Search
 

To Download 85017-0115 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/17/2010 please check www.molex.com for latest part information part number: 0850170115 status: active overview: din_41612 description: 2.54mm (.100") pitch din 41612/eic 603-2 mixed layout connector, male style m (hybrid type), inverse press-fit, 0.6m (24") gold (au) selective, 64 circuits , lead free documents: 3d model product specification ps-85013-0002 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family backplane connectors series 85017 application backplane comments mixed layout component type pcb header overview din_41612 product name iec 603-2/din 41612 style m physical circuits (loaded) 64 circuits (maximum) 64 circuits detail 60 signal , 4 power color - resin gray durability (mating cycles max) 400 first mate / last break no flammability 94v-0 guide to mating part no keying to mating part yes material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin polyester number of columns 20 number of pairs open pin field number of rows 3 orientation vertical pc tail length (in) 0.228 in pc tail length (mm) 5.80 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 24 plating min: mating (m) 0.6 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 85017 series mates with 85048 straight female style m receptacle. 85056 straight female style m "inverse" receptacle use with 85023 din 41612 coaxial contact
plating min: termination (in) 16 plating min: termination (m) 0.4 polarized to pcb no stackable yes surface mount compatible (smc) no temperature range - operating -55c to +125c termination interface: style through hole - compliant pin electrical current - maximum per contact 1.5a data rate 622.0 mbps voltage - maximum 250v ac (rms) material info reference - drawing numbers packaging specification pk-85017-001 product specification ps-85013-0002 sales drawing 603-6093-23, sd-85017-003 this document was generated on 05/17/2010 please check www.molex.com for latest part information





▲Up To Search▲   

 
Price & Availability of 85017-0115

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X